Part Number Hot Search : 
5A222G B11NM60 0DJCA AH9281 TE4936 DSPIC33 F60B150 AD8212
Product Description
Full Text Search
 

To Download DS9098P-TRL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 of 2 features ? compact rece ptacle for f5 i button ? m ounting ? fully backward - co mpatible to ds9098 ? contacts are stainless s teel with s elective 100% matte tin pl ating for op timal pb - free so lderability to pcb ? retainer to i but ton c onnection is stainless st eel to stainless st eel ? withstands u p to +250c for surface mounting ? double r edundancy of c ontacts (2 plus 2) ? contact force ex ceeds 2n for reliable connection ? prevents reversed in sertion ? at i nsertion, the i button is latche d for re tention ? the i button pops up for r emoval when latch is released ? gentle deflection of latches allows rem oval of the i button ? > 25 insertion/withdrawal cyc les with no performance degra dation ? compatible with standard p ick and place equipment ? c leaning fluids drain free ly for quick cleanup ordering information + denotes a lead(pb) - free/rohs - compliant p ackage . trl = tape and reel. 19.30 3 - d view 8.12 17.60 top view latch bottom view side view ? 19.50 ? 16.50 a 7 tabs within +0.10 / - 0.00 of datum - a - copper cladding 0.3 kg/m 2 or 34 m ( 1oz/sq.ft) with soldermask overlay. all dimensions are in millimeters. recommended printed circuit board layout center C data outer ring C ground recommended stencil aperture ?18.3 ?8.0 ?13.7 8.5 ground trace between pads data trace ?4.7 ?18.6 ?13.8 8.5 stencil thickness: 0.15 description the ds9098p i button retainer is a low - cost, surface - mount device to secure an f5 i button on a pcb . it consists of three metal pieces (two for ground, one for data) molded into a body of black, heat - sta bilized, glass fiber reinforced liquid crystal polymer. when inserting an i button into the ds9098p, closely align axis of the i button and the retainer. the retainer then latches the flange of the i button . at removal, limit deflection of retainer latches to just free the i button edge from retained state. avoid applying excess force to latches. the ds9098p is only available on tape and reel. the tape specifications match those of 68 - lead plcc devices except for the deeper pockets and tape - feed sprockets on either side of the 44mm tape. alignment pedestals keep the part oriented on tape with the latches adjacent to the sprockets. part description ds9098p - trl+ tape and reel, 220 parts per 13in reel i button is a registered trademark of maxim integrated products, inc. 19 - 4875; rev 2/12 ds9098 p i button ret ainer
ds9098p 2 of 2 maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim product. no cir cuit patent licenses are implied. maxim reserves the right to change the circuitry and specifications without not ice at any time. maxim integrated products, 120 san gabriel drive, sunnyvale, ca 94086 408 - 737 - 7600 ? 2009 maxim integrated products maxim is a registered trademark of maxim integrated products, inc . revision history revision date description pages changed 022008 added coplanarity specification of contact tabs to the data she et (only affects graphic) 1 minor formatting adjustments (only affects graphic) changed 30% glass fiber reinforced nylon 46 to glass fiber reinforced liquid crystal polymer 8/09 added lead(pb) - free status to the ordering information part info rmation 1 2/12 changed the third bullet in the features from tin - lead plating to 100% matte tin plating for lead (pb) - free compliance 1


▲Up To Search▲   

 
Price & Availability of DS9098P-TRL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X